rohs compliant phe850 ? emi suppressor, class y 2, metallized polypropylene ? 0.001 C 1.0 f, 300 vac, +110 c ? n ew, small dimensions including low profle capacitors typical applic ations construction technical data the capacitors are intended for use as interference suppressors in y2 (line-to- earth) applications. winding of metallized polypropylene. encapsulated in self-extinguishing material meeting the requirements of ul 94v-0. environme ntal te st data endurance en/iec 60384-14:2005 1.7 x u r vac 50 hz, once every hour increased to 1000 v ac for 0.1 s, 1000 h at upper rated temperature v ibration iec 60068-2-6, test fc 3 directions at 2 hour each, no visible damage, no open or short circuit 10 C 55 hz at 0.75 mm or 98 m/s 2 bump iec 60068-2-29, test eb 1000 bumps at 390 m/s 2 no visible damage, no open or short circuit c hange of temperature iec 60068C2C14 upper and lower rated no visible damage test na temperature 5 cycles active fammability en/iec 60384-14:2005 passive fammability en/iec 60384-14:2005 humidity iec 60068-2-3, test ca +40c and 90 C 95% r.h. 56 days l h b p l ? d 0.5 b rated voltage capacitance range f 300 vac, 50/60 hz (enec,ul,cul ) 0.001C1.0 t emperature range c C55/+110 climatic category iec 55/110/56/b capacitance tolerance 20% standard, other tolerances on request a pprovals enec, ul, cul dissipation factor tan maximum values at +23 c c 0.1 f 0.1 f < c 1 f c > 1 f 1 khz 0.2% 0.15% 0.1% 10 khz 0.3% 0.4% 0.8% 100 khz 0.6% C C i nsulation resistance c 0.33 f: 30 000 m? c > 0.33 f: 10 000 s r esonance frequency tabulated self-resonance frequencies f 0 refer to 5 mm lead lengths. t est voltage between the 100% screening factory test is carried out at 5000 terminals vdc and 2500 vac. the voltage level is selected to meet the requir ements in applicable equipment standards. all electrical characteristics are checked after the test. in dc applications recommended voltage: 1250 vdc p d std l max l b 10.0 0.4 0.6 17 30 0.4 15.0 0.4 0.6/0.8* 17 30 0.4 22.5 0.4 0.8 6 30 0.4 27.5 0.4 0.8 6 30 0.4 37.5 0.5 1.0 6 30 0.7 * size 7.5 x 14.5 x 18.0 and bigger, d = 0.8 mm. tolerance in lead length < 30 mm mm 30 mm mm +0 C1 +5 C0 not for use in series with the mains. see www.kemet.com for more information.
phe850 ar ticle table ordering information the article code for the standard part is given in the article table. marking ? rifa ? rifa article code ? rated capacitance ? capacitance tolerance code ? rated voltage ? y2 ? approval marks ? iec climatic category ? passive fammability class ? manufacturing date code approv als certifcation body specifcation enec ul capaci- box max dimensions max tance code in mm f o du/dt article code f b h l mhz v/s capaci- box max dimensions max tance code in mm f o du/dt article code f b h l mhz v/s lead sp acing 10 mm 0.0010 a06 4.0 8.0 13.0 50 100 PHE850EA4100MA06R17 0.0012 a06 4.0 8.0 13.0 45 100 phe850ea4120ma06r17 0.0015 a01 4.0 9.0 13.0 43 100 phe850ea4150ma01r17 0.0018 a01 4.0 9.0 13.0 40 100 phe850ea4180ma01r17 0.0022 a01 4.0 9.0 13.0 36 100 phe850ea4220ma01r17 0.0027 a02 4.5 10.5 13.0 34 100 phe850ea4270ma02r17 0.0033 a02 4.5 10.5 13.0 31 100 phe850ea4330ma02r17 0.0039 a03 5.0 11.0 13.0 29 100 phe850ea4390ma03r17 0.0047 a03 5.0 11.0 13.0 26 100 phe850ea4470ma03r17 0.0056 a04 6.0 12.0 13.0 23 100 phe850ea4560ma04r17 0.0068 a04 6.0 12.0 13.0 20 100 phe850ea4680ma04r17 0.0068 a05 9.5 7.5 13.0 21 100 phe850ep4680ma05r17 lead sp acing 15 mm 0.0068 b04 5.5 10.5 18.0 14 100 phe850eb4680mb04r17 0.0082 b04 5.5 10.5 18.0 14 100 phe850eb4820mb04r17 0.010 b04 5.5 10.5 18.0 13 100 phe850eb5100mb04r17 0.012 b05 5.5 12.5 18.0 12 100 phe850eb5120mb05r17 0.015 b15 6.0 12.0 18.0 11 100 phe850eb5150mb15r17 0.018 b10 6.5 12.5 18.0 10 100 phe850eb5180mb10r17 0.022 b06 7.5 14.5 18.0 9.5 100 phe850eb5220mb06r17 0.027 b06 7.5 14.5 18.0 8.6 100 phe850eb5270mb06r17 0.033 b12 8.0 15.0 18.0 7.8 100 phe850eb5330mb12r17 0.039 b11 8.5 16.0 18.0 7.0 100 phe850eb5390mb11r17 0.047 b14 9.5 17.5 18.0 6.3 100 phe850eb5470mb14r17 0.047 b17 13.0 12.5 18.0 6.3 100 phe850eh5470mb17r17 0.056 b16 11.0 19.0 18.0 5.5 100 phe850eb5560mb16r17 0.068 b16 11.0 19.0 18.0 4.7 100 phe850eb5680mb16r17 lead sp acing 22.5 mm 0.033 d13 6.5 14.5 26.0 5.7 100 phe850 ed5330md13r06l2 0.039 d13 6.5 14.5 26.0 5.4 100 phe850 ed5390md13r06l2 0.047 d13 6.5 14.5 26.0 5.0 100 phe850 ed5470md13r06l2 0.056 d17 7.0 16.5 26.0 4.7 100 phe850 ed5560md17r06l2 0.068 d17 7.0 16.5 26.0 4.3 100 phe850 ed5680md17r06l2 0.082 d15 9.0 18.5 26.0 4.0 100 phe850 ed5820md15r06l2 0.10 d18 10.5 19.0 26.0 3.6 100 phe850 ed6100md18r06l2 0.12 d18 10.5 19.0 26.0 3.3 100 phe850 ed6120md18r06l2 0.15 d16 11.0 21.5 26.0 2.8 100 phe850ed6150 md16r06l2 0.18 d20 13.5 23.0 26.0 2.5 100 phe850ed6180md20 r06l2 0.22 d20 13.5 23.0 26.0 2.3 100 phe850ed6220md20 r06l2 lead sp acing 27.5 mm 0.15 f11 10.5 20.5 31.5 2.4 100 phe850ef6150mf11r06l2 0.15 f17 21.0 12.5 31.5 2.4 100 phe850et6150mf17r06l2 0.18 f11 10.5 20.5 31.5 2.2 100 phe850ef6180mf11r06l2 0.22 f12 11.5 22.5 31.5 2.1 100 phe850ef6220mf12 r06l2 0.27 f03 13.5 23.0 31.5 1.9 100 phe850ef6270mf03 r06l2 0.33 f13 14.5 24.5 31.5 1.7 100 phe850ef6330mf13 r06l2 0.39 f14 17.5 28.0 31.5 1.6 100 phe850ef6390mf14 r06l2 0.47 f14 17.5 28.0 31.5 1.4 100 phe850ef6470mf14 r06l2 0.47 f19 27.5 16.0 31.5 1.5 100 phe850et6470mf19 r06l2 0.56 f16 21.0 30.0 31.5 1.3 100 phe850ef6560mf16 r06l2 0.68 f16 21.0 30.0 31.5 1.2 100 phe850ez6680mf16 r06l2 * lead sp acing 37.5 mm 0.33 r05 13.0 24.0 41.0 1.2 100 phe850er6330mr05 r06l2 0.39 r05 13.0 24.0 41.0 1.1 100 phe850er6390mr05 r06l2 0.47 r05 13.0 24.0 41.0 1.1 100 phe850er6470mr05 r06l2 0.56 r04 15.0 26.0 41.0 1.0 100 phe850er6560mr04 r06l2 0.68 r02 16.5 32.0 41.0 0.94 100 phe850er6680mr02 r06l2 0.82 r02 16.5 32.0 41.0 0.88 100 phe850er6820mr02 r06l2 1.0 r03 19.0 36.0 41.0 0.81 100 phe850er7100mr03 r06l2 1.2 r06 21.0 38.0 41.0 0.74 100 phe850er7120mr06 r06l2 1.5 r06 21.0 38.0 41.0 0.66 100 phe850ew7150mr06 r06l2 * 1.8 r08 28.0 43.0 41.0 0.58 100 phe850er7180mr08 r06l2 2.2 r08 28.0 43.0 41.0 0.54 100 phe850er7220mr08 r06l2 * only 20% tolerance 20% tolerance statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applic ations, but are not intended to constitute and we specifically disclaim any warranty concerning suitabi lity for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice in ferred from this inform ation or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the ad vice given or results obtained. en/iec 60384-14:2013 ul 60384-14 can/csa-e60384-14:09
|